Part Number Hot Search : 
LT176 LPU455B 8206B B2405S 00103 TCRC0912 TCRC0912 Z5240
Product Description
Full Text Search
 

To Download RAL1505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low leakage  low forward voltage drop  high current capability  high forward surge current capability mechanical data  case: transfer molded plastic  epoxy: ul94v - 0 rate flame retardant.  polarity: near marking denotes cathode.  lead: plated axial lead, solderable per mil - std - 202e method 208c  mounting position: any  weight: 0.11 ounce, 3.0gram maximum ratings and electrical characteristics  ratings at 25  ambient temperature unless otherwise specified  single phase, half wave, 60hz, resistive or inductive load.  for capacitive load derate current by 20% ral ral ral ral ral      maximum repetitive peak reverse voltage v rrm      volts maximum rms voltage v rms 
     volts maximum dc blocking voltage v dc      volts maximum average forward rectified current, 0.375" (9.5mm) lead length at t a = 60  peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method ) maximum instantaneous forward voltage at 15 a v f volts maximum dc reverse current at rated dc blocking voltage typical thermal resistance at 0.5" (12.7) lead length (note 1) r   /w operating and storage temperature range t j , t stg  notes: 1. p.c. mounted symbols    automotive rectifier unit a amps amps (-65 to +175)       i r i (av) i fsm RAL1505-156 http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
in s t a n t a n e o u s f o r w a r d v o l t a g e ,( v ) 1 % d u ty c y c le p u ls e w id th = 3 0 0 u s t = 2 5 c f o r w a r d c h a r a c t e r is t ic s f ig .3 - t y p ic a l i n s t a n t a n e o u s fig.1-typical forward current ambient temperature, ( c) instantaneous forw ard current, 0.1 0.4 1.0 10 100 1000 (a) j 50 25 0 60 75 100 15 10 5 0 a verage forward current, (a) 0.375''(9.5mm) lead length inductive load half wave 60hz resistive or single phase derating curve 4 number of cycles at 60 hz 175 150 125 0 2 1 10 6 8 70 30 20 50 100 forward surge current fig.2-maximum non-repetitive peak 200 100 50 pe ak forward surge current, (a) 1 cycle 300 (jedec method) =t 8.3ms single half sine-wave j j max t 0.6 0.8 1.0 1.2 1.4 1.6 1.8 average power dissipation 30 average forward current, (a) 20 40 (w) 0 square wave 0 10 20 dc 40 50 fig.4. forward power dissipation 60 RAL1505-156 http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of RAL1505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X